PART |
Description |
Maker |
MAX4173TESA MAX4173F-MAX4173T MAX4173FESA MAX4173F |
From old datasheet system Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier Low-Cost, SOT23, Voltage-Output,High-Side Current-Sense Amplifier(低成SOT23,电压输出,高边电流感应放大 Low-Cost / SOT23 / Voltage-Output / High-Side Current-Sense Amplifier
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AD558S AD558T AD558KP AD558SD AD558 AD558TD AD558J |
DACPORT Low Cost Complete uP-Compatible 8-Bit DAC DACPORT Low Cost, Complete uP-Compatible 8-Bit DAC Voltage-output 8-bit digital-to-analog converter, including output amplifier, full microprocessor interface and precision
|
AD[Analog Devices]
|
AD8383ACPZ AD8383 |
Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver LIQUID CRYSTAL DISPLAY DRIVER, QCC48 Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver 低成0位,6通道输出液晶DecDriver元气 Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver®
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX5544 MAX5544CSA MAX5544ESA |
Low-Cost, 5V, Serial-Input, Voltage-Output, 14-Bit DAC
|
MAXIM[Maxim Integrated Products]
|
451K 453K 451 453 |
Low-Cost, Versatile, 10/100kHz Frequency to Voltage Converters External Plug-In Power Supply; Series:; Output Voltage:15V; Output Power Max:30W; Output Current:2A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:84% RoHS Compliant: Yes
|
List of Unclassifed Manufacturers Intronics ETC[ETC] Electronic Theatre Controls, Inc.
|
ADM4073HWRJZ-REEL7 ADM4073TWRJZ-REEL7 ADM4073 ADM4 |
LOW COST, VOLTAGE OUTPUT, HIGH-SIDE, CURRENT-SENSE AMPLIFIER
|
Analog Devices
|
MAX5203BEUB MAX5200 MAX5200ACUB MAX5200AEUB MAX520 |
Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in レMAX
|
MAXIM[Maxim Integrated Products]
|
MAX4073HAXK MAX4073TAUT MAX4073TAUTT |
Low-Cost, SC70, Voltage-Output, High-Side Current-Sense Amplifier
|
MAXIM - Dallas Semiconductor
|
PQ05RD21 PQ3RD23 PQ12RD21 PQ09RD21 PQ05RD21-SERIES |
2.0A Output Type, High Cost Performance Low Power-Loss Voltage Regulator
|
SHARP[Sharp Electrionic Components]
|
ADM705 ADM705AN ADM705AR ADM706 ADM706AN ADM706AR |
3 V/ Voltage Monitoring uP Supervisory Circuits Low Cost uP Supervisory Circuits 低成本的监控电路 Low Cost uP Supervisory Circuits 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 Low Cost P Supervisory Circuits Low Cost uP Supervisory Circuits
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
ST7MDT2 ST7MDT2-110 ST7MDT2-220 ST7MDT2-DVP ST7MDT |
A Low-Cost Development Package Including A Full Real-Time Emulation Board(低价格开发软件包) MDT2-DVP LOW COST ST7 DEVELOPMENT KIT DATASHEET MOSFET; Transistor Polarity:Dual N/P Channel; Drain Source Voltage, Vds:30V; Continuous Drain Current, Id:51A; On-Resistance, Rds(on):0.36ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:6-TSOP; Drain-Source Breakdown Voltage:30V From old datasheet system MDT2-DVP LOW COST ST7 DEVELOPMENT KIT DATASHEET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|